Part Number Hot Search : 
IRF830 SML60A16 2SK0796A 6047613 X3102V28 10420 28AT3 CD9018
Product Description
Full Text Search
 

To Download TC-140-BGC-1PM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Temperature Compensated Crystal Oscillators (TCXO's) TC-140 (R Series)
Description:
The TC-140 series offers performance for short-term stability, phase noise, aging and temperature stability normally only associated with Oven Controlled Crystal Oscillators, while consuming typically <20 mA.
Features:
* * * * * Stratum 3 option Frequency from 0.5 to 160 MHz "1 ppm Forever" option TTL, HCMOS and Sinewave Over 600,000 units produced
Performance Characteristics
Parameter
Standard Frequencies: Supply Voltage (Vdd):
(other options are available upon request)
Characteristics
4.096, 10.00, 12.80, 13.00, 16.384, 19.44, 20.00, 20.48 MHz Available from 0.5 MHz to 160 MHz 12.0 Vdc 5% 5.0 Vdc 5% Current draw will vary greatly depending on frequency and output type. For this series TCXO typical current draw will be about 20 mA. Please consult the factory about your exact current requirements. A = HCMOS / ACMOS B = 10 TTL G = 0 dBm to +6 dBm J = +7 dBm to +13 dBm 0.5 0.5 3.0 3.0 to to to to 160 160 100 100 MHz MHz MHz MHz (+12 Vdc only)
Current:
Output:
Temperature Stability:
B-1PM - 1.0 x 10-6 over 0C to +50C, 10 years and initial accuracy
Note: Not all stabilities are available B-207 - 2.0 x 10-7 over 0C to +50C, Aging <2 ppm/10 years with all frequency/output combinations. B-ST3 - Stratum 3 over 0C to +50C, *See note below Please consult the factory. B-4PM - 4.6 x 10-6 over 0C to +50C, 10 years and initial accuracy
C-1PM - 1.0 x 10-6 over 0C to +70C, 10 years and initial accuracy C-ST3 - Stratum 3 over 0C to +70C, *See note below C-507 - 5.0 x 10-7 over 0C to +70C, Aging <2 ppm/10 years C-4PM - 4.6 x 10-6 over 0C to +70C, 10 years and initial accuracy F-106 - 1.0 x 10-6 over -40C to +85C, Aging <2 ppm/10 years F-4PM - 4.6 x 10-6 over -40C to +85C, 10 years and initial accuracy
*STRATUM 3 per GR-1244-CORE Table 3-1 Total Stability: <4.6 x 10-6 for all causes and 10 years Total Stability: <3.7 x 10-7 for all causes and 24 hours Note: Tighter stabilities and wider temperature ranges are available, please consult the factory.
Phase Noise (Typical): 10 MHz +12 Vdc J - Output Frequency vs. Supply: Package:
Offset 10 Hz 100 Hz 1 kHz 10 kHz
Phase Noise -110 dBc/Hz -135 dBc/Hz -150 dBc/Hz -155 dBc/Hz
<0.05 ppm for a 5% change in supply voltage 38.89 x 38.89 x 13.462 mm (1.53" x 1.53" x 0.53")
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
60
Temperature Compensated Crystal Oscillators (TCXO's) TC-140 (R Series)
Outline Drawing
38.887 max (1.531) .508 (0.20) Frequency Adjust Access. For Mechanical Adjust Units only. 13.462 max (0.53)
Frequency Adjust Options
A B F 3 ppm minimum via internal mechanical adjust positive slope. 3 ppm minimum via external voltage, 0 to +5 Vdc No Frequency Adjust. Standard option for 1 ppm and 4.6 ppm for 10 years units. However, this option is available with all Stability options. No user adjustment is needed. Unit is Plug-N-Play. Note: This option is ideal for high volume applications where minimal set-up and testing is desired.
20.320 (0.800) 5 2 1 6.350 (0.250) 10.160 (0.400)
5.842 min (0.23) 1.270 (0.05)
.508 (0.02) 0.762 DIA. 5 PLACES (.030)
2.54 (0.10)
25.4 (1.000) 12.70 (0.500)
12.70 38.887 max (0.500) (1.531) C L 25.4 (1.000)
3
4
C L
mm! (in)
TCXO
Pin Out Information
Pin 1 2 3 4 5 Function Output Supply (Vdd) Gnd Freq. Adjust/NC Gnd
Output Levels
Output Option A Output Voh min.. Vol max. Load (typical) Symmetry Rise/Fall Time HCMOS/ACMOS 0.8 (Vdd) +0.5 Vdc 100 k ohm // 10 pF 50% 10% 5 ns max. B 10 TTL
Sine
Output Option Output +2.4 Vdc Level +0.5 Vdc Load 10 TTL Harmonics/subs 50% 10% Other Spurious 10 ns max. -60 dBc max. -80 dBc max. -20 dBc max. -20 dBc max. 50 ohm 50 ohm 0 dBm to +6 dBm +7 dBm to +13 dBm G Sinewave J Sinewave
Ordering Information
TC
Product Family TC = TCXO Package 140 = package Supply Voltage B = 12 Vdc 5% C = 5.0 Vdc 5%
140
C
A
B
4PM
F
12.80
MHz
Output Frequency 0.5 MHz to 160 MHz
Frequency Adjust Options A = Internal Mech. Adjust (standard) B = External Voltage Adjust F = No Frequency adjust (see above) Temperature Stability B-1PM = 1.0 x 10-6 over 0C to +50C, 10 years (no freq. adjust) B-207 = 2.0 x 10-7 over 0C to +50C B-ST3 = Stratum 3 over 0C to +50C B-4PM = 4.6 x 10-6 over 0C to +50C, 10 years (no freq. adjust) C-1PM = 1.0 x 10-6 over 0C to +70C, 10 years (no freq. adjust) C-ST3 = Stratum 3 over 0C to +70C C-507 = 5.0 x 10-7 over 0C to +70C C-4PM = 4.6 x 10-6 over 0C to +70C, 10 years (no freq. adjust) F-106 = 1.0 x 10-6 over -40C to +85C F-4PM = 4.6 x 10-6 over -40C to +85C, 10 years (no freq. adjust) Note: Other stabilities are available upon request.
Output A = HCMOS/ACMOS B = 10 TTL G = 0 dBm / 50 ohm J = +7 dBm / 50 ohm
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
61


▲Up To Search▲   

 
Price & Availability of TC-140-BGC-1PM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X